Part Number Hot Search : 
TCET1101 MAX1681 SD219CHP IRFZ2 RB751S40 2N6230 9L28064 UPD44
Product Description
Full Text Search
 

To Download HW-02-15-T-D-475-SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (2,54mm) .100" hw series hw?14?08?g?s?350?sm hw?20?15?g?d?475?sm www.samtec.com mates with: ssw, ssq, esw, esq, ces, slw, bsw, bcs, ssm, idss, idsd, hle note: these series are non-standard, non-returnable. double row only (metal or plastic at samtec discretion) (1,27) .050 (2,54) .100 02 thru 36 (2,54) .100 x no. of positions (5,08) .200 36 02 72 01 71 (2,54) .100 (7,37) .290 (2,54) .100 (2,54) .100 (0,64) .025 sq typ (4,70) .185 01 (2,54) .100 specify lead style from chart ?f = gold ? ash on contact, matte tin on tail ?l = 10" (0,25m) gold on contact area of longer tail, matte tin on tail ?g = 10" (0,25m) gold on contact area of longer tail, gold ? ash on balance ?t = matte tin lead style ? 08 ? 09 ?10 ?11 ?12 ?15 ?16 ?17 ? 20 oal (smt) (11,81) .465 (16,89) .665 (19,43) .765 (21,97) .865 (24,51) .965 (14,35) .565 (9,65) .380 (10,54) .415 (27,05) 1.065 locking clip available with double row -sm. call samtec. application specific option hw no. pins per row sm stacker height plat ing option row op tion other options ? d = double row ? s = single row ??xxx? = stacker height stacker height (6,35) .250 min lead style f-210 ?tr = tape & reel packaging (27 positions max.) (not available on lead styles 10, 11, 12 & 20) ??x x?? = polarized specify omitted pin position ?a = alignment pin for complete speci cations and recommended pcb layouts see www.samtec.com?hw insulator material: top: natural lcp bottom: black lcp terminal material: phosphor bronze plating: au or sn over 50? (1,27?) ni current rating: 3a @ 80? ambient operating temp range: -55? to +125? with gold -55? to +105? with tin rohs compliant: ye s processing: max processing temp: 230? for 60 seconds, or 260? for 20 seconds 3x lead?free solderable: ye s smt lead coplanarity: (0,15mm) .006" max overall length (oal) post (0,00).000 min stacker height specifications note: other gold plating options available. contact samtec. flexible .025" sq board stackers


▲Up To Search▲   

 
Price & Availability of HW-02-15-T-D-475-SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X